PART |
Description |
Maker |
M312L2920BG0 M312L2920BG0-A2 M312L2920BG0-B0 M312L |
TVS UNIDIRECT 1500W 150V SMC TVS 1500W 15V UNIDIRECT SMC DDR SDRAM Registered Module DDR SDRAM的注册模
|
Samsung Electronic SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
ICE3A0565Z ICE3B1565 ICE3A3565I ICE3B5065I |
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 离线式开关电源电流模式控制器,集成了650V启动单元/的CoolMOS TVS UNIDIRECT 400W 11V SMA
|
Infineon Technologies AG
|
HC5513BIP HC5513BIM |
TVS 1500W 43V UNIDIRECT SMC Bipolar Transistor; Package/Case:TO-220; Current Rating:7A; Voltage Rating:80V RoHS Compliant: Yes TVS UNI-DIR 40V 1500W SMC
|
Intersil Corporation
|
WM0831LCD WM0831LIP WM0831 WM0831CD WM0831CP WM083 |
8-Bit ADCs with Serial Interface and Differential or Dual Inputs 8 -串行接口和差分或双位ADC输入 TVS UNI-DIR 26V 1500W SMC 8 -串行接口和差分或双位ADC输入 TVS UNIDIRECT 1500W 24V SMC 8 -串行接口和差分或双位ADC输入 From old datasheet system 8-BIT DUAL INPUT ADC WITH SERIAL INTERFACE
|
Wolfson Microelectronics plc
|
ISL6613BIB-T ISL6612BIRZ-T ISL6612BIBZ |
TVS UNIDIRECT 1500W 33V SMC 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP 3 A HALF BRDG BASED MOSFET DRIVER, PDSO10 7-Bit Bus Interfaces With 3-State Outputs 20-TSSOP 0 to 70 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8
|
Intersil, Corp.
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
28F008C3 GT28F160C3B110 GT28F016C3B90 TE28F008C3T1 |
3 VOLT ADVANCED BOOT BLOCK 8- / 16- / 32-MBIT FLASH MEMORY FAMILY STANDOFF HEX 6-32THR 2.5L ALUM TVS, 6.5CA, BI, 6.5V, 400W, SMT 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 6 - 32 - Mbit闪存家庭 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 16 - 32 - Mbit闪存家庭 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 6 - 2 - Mbit闪存家庭 TVS UNIDIRECT 7.5V 400W SMA
|
Intel Corp. Intel, Corp.
|
MBM29DL323BE90PBT MBM29DL323BE90TN MBM29DL323BE90T |
2M X 16 FLASH 2.7V PROM, 120 ns, PBGA63 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 80 ns, PBGA63 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 TVS UNIDIRECT 600W 51V SMB 2M X 16 FLASH 3V PROM, 120 ns, PDSO48 MICRO SINGLE MODE FIBER TRANCEIVER, ST 32M的(4米8/2M × 16)位双操 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 120 ns, PDSO48 32M (4M x 8/2M x 16) BIT Dual Operation 32M的(4米8/2M × 16)位双操 KPT 6C 6#20 SKT PLUG 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 PORT MODULAR SWITCH ROHS VERSION LE1416A BLANK FACE PLATE 4 PORT 100 MB SINGLE-MODEFIBER XSNT SUPPR,ESD,060.00V,0603 MULTI-WAY IEC PANEL OUTLET 8 PORT MODULAR SWITCH PCI 10BASE T/10 BASE FL NIC, S TVS UNI-DIR 43V 600W SMB
|
Fujitsu, Ltd. Fujitsu Limited http:// Fujitsu Component Limited.
|
|